Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16955 Datasheet (PDF) - Maxim Integrated Products

MAX16955 Datasheet PDF - Maxim Integrated Products
Part # MAX16955
Download  MAX16955 Download
File Size   946.92 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400kHz Switching Frequency

MAX16955 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16955 Datasheet PDF - Maxim Integrated Products

Part # MAX16955
Download  MAX16955 Click to download

File Size   946.92 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400kHz Switching Frequency

MAX16955 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX16955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955 MAXIM-MAX16955 Datasheet
2Mb / 26P
36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955AUE MAXIM-MAX16955AUE Datasheet
2Mb / 26P
36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955AUV MAXIM-MAX16955AUV Datasheet
2Mb / 26P
36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
More results


Similar Description - MAX16955

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL6001 ETC2-XL6001 Datasheet
233Kb / 9P
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6013 ETC2-XL6013 Datasheet
290Kb / 12P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
Maxim Integrated Produc...
MAX38801EVKIT MAXIM-MAX38801EVKIT Datasheet
1Mb / 15P
Programmable Switching Frequency from 400kHz to 900kHz
Rev 0; 8/17
logo
XLSEMI
XL6001 XLSEMI-XL6001 Datasheet
317Kb / 9P
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
XL6003 XLSEMI-XL6003 Datasheet
279Kb / 10P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6281 HMSEMI-HM6281 Datasheet
496Kb / 9P
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
HM6283 HMSEMI-HM6283 Datasheet
624Kb / 9P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
HM6283B HMSEMI-HM6283B Datasheet
777Kb / 11P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com