Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFC375-1024G Datasheet (PDF) - Bel Fuse Inc.

PFC375-1024G Datasheet PDF - Bel Fuse Inc.
Part # PFC375-1024G
Download  PFC375-1024G Download
File Size   691.32 Kbytes
Page   6 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Greater than 1 million hours demonstrated MTBF

PFC375-1024G Datasheet (PDF)

Go To PDF Page Download Datasheet
PFC375-1024G Datasheet PDF - Bel Fuse Inc.

Part # PFC375-1024G
Download  PFC375-1024G Click to download

File Size   691.32 Kbytes
Page   6 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Greater than 1 million hours demonstrated MTBF

PFC375-1024G Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - PFC375-1024G

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC375-1024 POWER-ONE-PFC375-1024 Datasheet
220Kb / 4P
PerFormanCe POWER
More results


Similar Description - PFC375-1024G

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXB50 EMERSON-NETWORKPOWER-BXB50 Datasheet
242Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB75 EMERSON-NETWORKPOWER-BXB75 Datasheet
240Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB150 EMERSON-NETWORKPOWER-BXB150 Datasheet
296Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
logo
RFE international
RM10R-0R02-J RFE-RM10R-0R02-J Datasheet
74Kb / 1P
SURFACE MOUNT RM Series: Less Than 1 ohm & Greater than 10 Meg ohms RESISTORS
logo
List of Unclassifed Man...
ISC01P ETC2-ISC01P Datasheet
1Mb / 6P
Exceptional contrast: 50 times greater than LCD products
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
Excellent Return loss Greater than 28 dB
logo
ZETTLER Electronics
AZSR180 ZETTLER-AZSR180 Datasheet
55Kb / 2P
Isolation spacing greater than 10 mm
logo
Maxim Integrated Produc...
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Bel Fuse Inc.
PFC250 BEL-PFC250 Datasheet
659Kb / 6P
Greater than 1 million hours demonstrated MTBF
logo
Maxim Integrated Produc...
MAX9788EVKIT MAXIM-MAX9788EVKIT Datasheet
109Kb / 4P
Delivers Greater than 14VP-P into a Ceramic Speaker
Rev 2; 8/07
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com