Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2412A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2412A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2412A
Download  TA2412A Download
File Size   794.18 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)

TA2412A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2412A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2412A
Download  TA2412A Click to download

File Size   794.18 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)

TA2412A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2412A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
TA2410 CRYDOM-TA2410 Datasheet
568Kb / 5P
Panel Mount
logo
TAI-SAW TECHNOLOGY CO.,...
TA2411A TAI-SAW-TA2411A Datasheet
506Kb / 9P
SAW Filter 1582.47 MHz
TA2413A TAI-SAW-TA2413A Datasheet
815Kb / 9P
SAW Tx Filter 733 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2414A TAI-SAW-TA2414A Datasheet
507Kb / 7P
SAW Filter 1265 MHz
TA2417A TAI-SAW-TA2417A Datasheet
777Kb / 8P
SAW Filter 845 MHz SMD 3.0횞3.0mm
More results


Similar Description - TA2412A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0714A TAI-SAW-TA0714A Datasheet
159Kb / 7P
SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
TA1255A TAI-SAW-TA1255A Datasheet
172Kb / 8P
SAW Filter 2185MHz SMD 1.4X1.1 mm (BW=30MHz)
TA1655A TAI-SAW-TA1655A Datasheet
346Kb / 8P
SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
TA1656A TAI-SAW-TA1656A Datasheet
349Kb / 8P
SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
TF0112A TAI-SAW-TF0112A Datasheet
408Kb / 12P
SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA2413A TAI-SAW-TA2413A Datasheet
815Kb / 9P
SAW Tx Filter 733 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA2474A TAI-SAW-TA2474A Datasheet
448Kb / 8P
SAW Filter 788 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com