Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37150M6 Datasheet (PDF) - Renesas Technology Corp

M37150M6 Datasheet PDF - Renesas Technology Corp
Part # M37150M6
Download  M37150M6 Download
File Size   1308.26 Kbytes
Page   141 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37150M6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37150M6 Datasheet PDF - Renesas Technology Corp

Part # M37150M6
Download  M37150M6 Click to download

File Size   1308.26 Kbytes
Page   141 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37150M6 Datasheet (HTML) - Renesas Technology Corp


M37150M6 Product details

DESCRIPTION

The M37150M6/M8/MA/MC/MF-XXXFP and M37150EFFP are single-chip microcomputers designed with CMOS silicon gate technology. They have an OSD, data slicer, and I2C-BUS interface, making them perfect for TV channel selection systems with a closed caption decoder. The M37150EFFP has a built-in PROM that can be written electrically.



FEATURES

●Number of basic instructions .................................................... 71

●Memory size



ROM.............. 24K bytes

(M37150M6-XXXFP)

32K bytes

(M37150M8-XXXFP)

40K bytes

(M37150MA-XXXFP)

48K bytes

(M37150MC-XXXFP)

60K bytes

(M37150MF-XXXFP, M37150EFFP)



RAM............... 1024 bytes

(M37150M6-XXXFP)

1152 bytes

(M37150M8-XXXFP)

1472 bytes

(M37150MA-XXXFP, M37150MC-XXXFP)

2048 bytes

(M37150MF-XXXFP, M37150EFFP)

(*ROM correction memory included)



●Minimum instruction execution time

................................ 0.447 µs (at 3.58 MHz oscillation frequency)

................................ 0.451 µs (at 4.43 MHz oscillation frequency)

●Power source voltage ................................................. 5 V ± 10 %

●Subroutine nesting ............................................. 128 levels (Max.)

●Interrupts ....................................................... 17 types, 16 vectors

●8-bit timers .................................................................................. 6

●Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 25

●Serial I/O ............................................................ 8-bit ✕1 channel

●Multi-master I2

C-BUS interface .............................. 1 (3 systems)

●A-D comparator (7-bit resolution) ................................ 8 channels

●PWM output circuit ......................................................... 8-bit ✕5

●Power dissipation

In high-speed mode ......................................................... 165 mW

(at VCC= 5.5V, FSCIN = 3.58 MHz, OSD on, and Data slicer on)

In low-speed mode ......................................................... 0.33 mW

(at VCC= 5.5V, 32 kHz oscillation frequency)

●Closed caption data slicer

●ROM correction function ................................................ 2 vectors

●OSD function

Display characters ................................... 32 characters ✕2 lines

(3 lines or more can be displayed by software)

Kinds of characters ........................................................ 254 kinds

(coloring unit) (per charactor unit)

Character display area ............................ CC mode: 16 ✕26 dots

OSD mode: 16 ✕20 dots

Kinds of character sizes ..................................... CC mode: 1 kind

OSD mode: 8 kinds

Kinds of character colors .................................. 8 colors (R, G, B)

Coloring unit ................... character, character background, raster

Display position

Horizontal: 128 levels Vertical: 512 levels

Attribute ........................................................................................CC mode: smooth italic, underline, flash, automatic solid space

OSD mode: border

Smoth roll-up

Window function



APPLICATION

TV with closed caption decoder




Similar Part No. - M37150M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Similar Description - M37150M6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com