Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASA00368D Datasheet (PDF) - NXP Semiconductors

98ASA00368D Datasheet PDF - NXP Semiconductors
Part # 98ASA00368D
Download  98ASA00368D Download
File Size   1845.79 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10 mOhm and 25 mOhm high-side switches

98ASA00368D Datasheet (PDF)

Go To PDF Page Download Datasheet
98ASA00368D Datasheet PDF - NXP Semiconductors

Part # 98ASA00368D
Download  98ASA00368D Click to download

File Size   1845.79 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10 mOhm and 25 mOhm high-side switches

98ASA00368D Datasheet (HTML) - NXP Semiconductors




Similar Part No. - 98ASA00368D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
98ASA00368D NXP-98ASA00368D Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
98ASA00368D NXP-98ASA00368D Datasheet
1Mb / 69P
Penta 40 mOhm high-side switch
Rev. 6.0, 9/2020
98ASA00368D NXP-98ASA00368D Datasheet
1Mb / 71P
Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Similar Description - 98ASA00368D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com