Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBC550 Datasheet (PDF) - Bel Fuse Inc.

MBC550 Datasheet PDF - Bel Fuse Inc.
Part # MBC550
Download  MBC550 Download
File Size   1301.45 Kbytes
Page   8 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 12 V / 0.5 A Fan Output, Thermal Shut-Down Feature

MBC550 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBC550 Datasheet PDF - Bel Fuse Inc.

Part # MBC550
Download  MBC550 Click to download

File Size   1301.45 Kbytes
Page   8 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 12 V / 0.5 A Fan Output, Thermal Shut-Down Feature

MBC550 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - MBC550

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC550-1T15 BEL-MBC550-1T15 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC550-1T24 BEL-MBC550-1T24 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC550-1T30 BEL-MBC550-1T30 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC550-1T48 BEL-MBC550-1T48 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
More results


Similar Description - MBC550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1059B PHILIPS-TDA1059B Datasheet
194Kb / 5P
MOTOR SPEED REGULATOR WITH THERMAL SHUT-DOWN
November 1982
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI-TPS5401EVM-708 Datasheet
1Mb / 41P
0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI1-TPS5401EVM-708 Datasheet
1Mb / 41P
0.5-A, 42-V Input, Step-Down SWIFT Converter
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Maxim Integrated Produc...
MAX15059EVKIT MAXIM-MAX15059EVKIT Datasheet
931Kb / 6P
Demonstrates Thermal-Shutdown Feature
Rev 0; 5/10
logo
WAGO Kontakttechnik Gmb...
787-914 WAGO-787-914 Datasheet
250Kb / 5P
Power supply for fan control, 22 V, 1 A; Output voltage: 12 ... 22 V
logo
Advantech Co., Ltd.
BB-SMI6B-12-4-P5 ADVANTECH-BB-SMI6B-12-4-P5 Datasheet
586Kb / 2P
AC-DC Power Supply 6W, 12 V, 0.5 A
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com