Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26F004 Datasheet (PDF) - ATMEL Corporation

AT26F004 Datasheet PDF - ATMEL Corporation
Part # AT26F004
Download  AT26F004 Download
File Size   605.62 Kbytes
Page   37 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit 2.7-volt Only Serial Firmware DataFlash Memory

AT26F004 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT26F004 Datasheet PDF - ATMEL Corporation

Part # AT26F004
Download  AT26F004 Click to download

File Size   605.62 Kbytes
Page   37 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit 2.7-volt Only Serial Firmware DataFlash Memory

AT26F004 Datasheet (HTML) - ATMEL Corporation


AT26F004 Product details

Description
The AT26F004 is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer based applications in which program code is shadowed from Flash memory into embedded or external RAM for execution. The flexible erase architecture of the AT26F004, with its erase granularity as small as 4 Kbytes, makes it ideal for data storage as well, eliminating the need for additional data storage EEPROM devices.

Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
   – Supports SPI Modes 0 and 3
• 33 MHz Maximum Clock Frequency
• Flexible, Uniform Erase Architecture
   – 4-Kbyte Blocks
   – 32-Kbyte Blocks
   – 64-Kbyte Blocks
   – Full Chip Erase
• Optimized Physical Sectoring for Code Shadowing and Code + Data Storage Applications
   – One 16-Kbyte Top Boot Sector
   – Two 8-Kbyte Sectors
   – One 32-Kbyte Sector
   – Seven 64-Kbyte Sectors
• Individual Sector Protection for Program/Erase Protection
• Hardware Controlled Locking of Protected Sectors
• Byte Program Architecture with Sequential Byte Program Mode Capability
   – Sequential Byte Program Mode Improves Throughput for Programming Multiple Bytes
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
   – 7 mA Active Read Current (Typical)
   – 15 µA Deep Power-down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
   – 8-lead SOIC (150-mil and 208-mil wide)
   – 8-pad MLF (6 x 5 x 1.00 mm)




Similar Part No. - AT26F004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004 Datasheet
614Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004 Datasheet
724Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004-MU ATMEL-AT26F004-MU Datasheet
614Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004-MU ATMEL-AT26F004-MU Datasheet
724Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004-SSU ATMEL-AT26F004-SSU Datasheet
614Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Similar Description - AT26F004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF041A ATMEL-AT25DF041A_07 Datasheet
736Kb / 41P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com