Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPP3870 Datasheet (PDF) - Qorvo, Inc

RFPP3870 Datasheet PDF - Qorvo, Inc
Part # RFPP3870
Download  RFPP3870 Download
File Size   195.02 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Push Pull Hybrid 1218MHz 28dB

RFPP3870 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPP3870 Datasheet PDF - Qorvo, Inc

Part # RFPP3870
Download  RFPP3870 Click to download

File Size   195.02 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Push Pull Hybrid 1218MHz 28dB

RFPP3870 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - RFPP3870

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
More results


Similar Description - RFPP3870

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP2870 RFMD-RFPP2870 Datasheet
269Kb / 3P
28dB Push Pull Hybrid 40MHz to 1003MHz
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
75 11dB CATV Push Pull Amplifier 45 ??1218MHz
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1218MHz
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com