Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC256K16EO-35TC Datasheet (PDF) - Alliance Semiconductor Corporation

AS4LC256K16EO-35TC Datasheet PDF - Alliance Semiconductor Corporation
Part # AS4LC256K16EO-35TC
Download  AS4LC256K16EO-35TC Download
File Size   530.56 Kbytes
Page   25 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 256K X 16 CMOS DRAM (EDO)

AS4LC256K16EO-35TC Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4LC256K16EO-35TC Datasheet PDF - Alliance Semiconductor Corporation

Part # AS4LC256K16EO-35TC
Download  AS4LC256K16EO-35TC Click to download

File Size   530.56 Kbytes
Page   25 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 256K X 16 CMOS DRAM (EDO)

AS4LC256K16EO-35TC Datasheet (HTML) - Alliance Semiconductor Corporation


AS4LC256K16EO-35TC Product details

Functional description
The AS4LC256K16EO is a high-performance 4 megabit CMOS Dynamic Random Access Memory (DRAM) organized as 262,144 words by 16 bits. The AS4LC256K16EO is fabricated with advanced CMOS technology and designed with innovative design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels.

Features
• Organization: 262,144 words × 16 bits
• High speed
    - 45/60 ns RAS access time
    - 10/12/15/20 ns column address access time
    - 7/10/10 ns CAS access time
• Low power consumption
    - Active: 280 mW max (AS4LC256K16EO-35)
    - Standby: 2.8 mW max, CMOS I/O (AS4LC256K16EO-35)
• EDO page mode
• 5V I/O tolerant
• 512 refresh cycles, 8 ms refresh interval
    - RAS-only or CAS-before-RAS refresh or self refresh
• Read-modify-write
• LVTTL-compatible, three-state I/O
• JEDEC standard packages
    - 400 mil, 40-pin SOJ
    - 400 mil, 40/44-pin TSOP II
• 3.3V power supply
• Latch-up current > 200 mA




Similar Part No. - AS4LC256K16EO-35TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S0 ALSC-AS4LC2M8S0 Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-10TC ALSC-AS4LC2M8S0-10TC Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-7TC ALSC-AS4LC2M8S0-7TC Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S0-8TC ALSC-AS4LC2M8S0-8TC Datasheet
721Kb / 29P
3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
More results


Similar Description - AS4LC256K16EO-35TC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
256k x 16-Bit EDO-DRAM
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
256K X 16 BIT EDO DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com