Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AA Datasheet (PDF) - STMicroelectronics

M69KB096AA Datasheet PDF - STMicroelectronics
Part # M69KB096AA
Download  M69KB096AA Download
File Size   623.43 Kbytes
Page   48 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM

M69KB096AA Datasheet (PDF)

Go To PDF Page Download Datasheet
M69KB096AA Datasheet PDF - STMicroelectronics

Part # M69KB096AA
Download  M69KB096AA Click to download

File Size   623.43 Kbytes
Page   48 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM

M69KB096AA Datasheet (HTML) - STMicroelectronics


M69KB096AA Product details

SUMMARY DESCRIPTION
The M69KB096AA is a 64 Mbit (67,108,864 bit) PSRAM, organized as 4,194,304 words by 16 bits. The memory array is implemented using a one transistor-per-cell topology, to achieve bigger array sizes.
This device is a high-speed CMOS, dynamic random-access memory. It provides a high-density solution for low-power handheld applications.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
   – VCC = 1.7 to 1.95V core supply voltage
   – VCCQ = 1.7 to 3.3V for I/O buffers
■ ASYNCHRONOUS MODES
   – Asynchronous Random Read: 70ns and 85ns access time
   – Asynchronous Write
   – Asynchronous Page Read
      Page Size: 16 words
      Subsequent read within page: 20ns
■ SYNCHRONOUS BURST READ AND WRITE MODES
   – Burst Write in Continuous Mode
   – Burst Read:
      Fixed Length (4, 8, or 16 Words) or Continuous mde
      Maximum Clock Frequency: 66MHz, 80MHz
      Burst initial latency: 50ns (4 clock cycles) at 80MHz
      Output delay: 9ns at 80MHz
■ BYTE CONTROL BY LB/UB
■ LOW POWER CONSUMPTION
   – Asynchronous Random Read Mode: < 25mA
   – Asynchronus Page Read Mode (subsequent read operations): < 15mA
   – Synchronous Burst Read
      Initial access: < 35mA
      Continuous Burst Read: < 15mA
   – Standby Current: 120µA
   – Deep Power-Down Current: 10µA (typ)
■ LOW POWER FEATURES
   – Temperature Compensated Refresh (TCR)
   – Partial Array Refresh (PAR)
   – Deep Power-Down (DPD) Mode
■ OPERATING TEMPERATURE
   – –30°C to +85°C




Similar Part No. - M69KB096AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69KB096AB STMICROELECTRONICS-M69KB096AB Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M69KB096AB80CW8 STMICROELECTRONICS-M69KB096AB80CW8 Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M69KB096AB80DW8 STMICROELECTRONICS-M69KB096AB80DW8 Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
More results


Similar Description - M69KB096AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
09-Dec-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M69KB096AB STMICROELECTRONICS-M69KB096AB Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
20-Jan-2006
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com