Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDH30N120 Datasheet (PDF) - IXYS Corporation

IXDH30N120 Datasheet PDF - IXYS Corporation
Part # IXDH30N120
Download  IXDH30N120 Download
File Size   94.32 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Voltage IGBT with optional Diode

IXDH30N120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXDH30N120 Datasheet PDF - IXYS Corporation

Part # IXDH30N120
Download  IXDH30N120 Click to download

File Size   94.32 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Voltage IGBT with optional Diode

IXDH30N120 Datasheet (HTML) - IXYS Corporation


IXDH30N120 Product details

Short Circuit SOA Capability Square RBSOA

VCES = 1200 V
IC25 = 60 A
VCE(sat) typ = 2.4 V

Features
● NPT IGBT technology
● low saturation voltage
● low switching losses
● square RBSOA, no latch up
● high short circuit capability
● positive temperature coefficient for easy paralleling
● MOS input, voltage controlled
● optional ultra fast diode
● International standard packages

Typical Applications
● AC motor speed control
● DC servo and robot drives
● DC choppers
● Uninteruptible power supplies (UPS)
● Switch-mode and resonant-mode power supplies




Similar Part No. - IXDH30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDH30N120 IXYS-IXDH30N120 Datasheet
89Kb / 4P
High Voltage IGBT with optional Diode
IXDH30N120D1 IXYS-IXDH30N120D1 Datasheet
89Kb / 4P
High Voltage IGBT with optional Diode
logo
Inchange Semiconductor ...
IXDH30N120D1 ISC-IXDH30N120D1 Datasheet
303Kb / 2P
NPT IGBT
More results


Similar Description - IXDH30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDH20N120 IXYS-IXDH20N120 Datasheet
74Kb / 4P
High Voltage IGBT with optional Diode
IXDP35N60B IXYS-IXDP35N60B Datasheet
101Kb / 4P
IGBT with optional Diode
IXDN55N120 IXYS-IXDN55N120 Datasheet
72Kb / 4P
High Voltage IGBT with optional Diode
IXDR30N120 IXYS-IXDR30N120 Datasheet
69Kb / 4P
High Voltage IGBT with optional Diode ISOPLUSTM package
IXDP20N60B IXYS-IXDP20N60B Datasheet
77Kb / 4P
High Voltage IGBT with optional Diode
IXDH30N120 IXYS-IXDH30N120 Datasheet
89Kb / 4P
High Voltage IGBT with optional Diode
IXDN55N120D1 IXYS-IXDN55N120D1 Datasheet
83Kb / 4P
High Voltage IGBT with optional Diode
IXDR35N60BD1 IXYS-IXDR35N60BD1 Datasheet
122Kb / 4P
IGBT with optional Diode
IXGR32N170AH1 IXYS-IXGR32N170AH1 Datasheet
528Kb / 2P
High Voltage IGBT with Diode
89358 IXYS-89358 Datasheet
525Kb / 2P
High Voltage IGBT with Diode
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com