Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8550A Datasheet (PDF) - Maxim Integrated Products

MAX8550A Datasheet PDF - Maxim Integrated Products
Part # MAX8550A
Download  MAX8550A Download
File Size   1013.66 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill

MAX8550A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8550A Datasheet PDF - Maxim Integrated Products

Part # MAX8550A
Download  MAX8550A Click to download

File Size   1013.66 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill

MAX8550A Datasheet (HTML) - Maxim Integrated Products


MAX8550A Product details

General Description
The MAX8550A integrates a synchronous-buck PWM controller to generate VDDQ, a sourcing and sinking LDO linear regulator to generate VTT, and a 10mA reference output buffer to generate VTTR. The buck controller drives two external n-channel MOSFETs to generate output voltages down to 0.7V from a 2V to 28V input with output currents up to 15A. The LDO can sink or source up to 1.5A continuous and 3A peak current. Both the LDO output and the 10mA reference buffer output can be made to track the REFIN voltage. These features make the MAX8550A ideally suited for DDR memory applications in desktops, notebooks, and graphic cards.

Features
Buck Controller
♦ Quick-PWM with 100ns Load-Step Response
♦ Up to 95% Efficiency
♦ 2V to 28V Input Voltage Range
♦ 1.8V/2.5V Fixed or 0.7V to 5.5V Adjustable Output
♦ Up to 600kHz Selectable Switching Frequency
♦ Programmable Current Limit with Foldback Capability
♦ 1.7ms Digital Soft-Start
♦ Independent Shutdown and Standby Controls
♦ Overvoltage/Undervoltage-Protection Option
♦ Power-Good Window Comparator LDO Section
♦ Fully Integrated VTT and VTTR Capability
♦ VTT Has ±3A Sourcing/Sinking Capability
♦ VTT and VTTR Outputs Track VREFIN / 2
♦ All-Ceramic Output-Capacitor Designs
♦ 1.0V to 2.8V Input Voltage Range
♦ Power-Good Window Comparator

Applications
    DDR I and DDR II Memory Power Supplies
    Desktop Computers
    Notebooks and Desknotes
    Graphic Cards
    Game Consoles
    RAID
    Networking




Similar Part No. - MAX8550A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550A MAXIM-MAX8550A Datasheet
295Kb / 8P
Evaluation Kit
Rev 1; 11/04
More results


Similar Description - MAX8550A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550-MAX8551 MAXIM-MAX8550-MAX8551 Datasheet
454Kb / 29P
Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 2; 9/04
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
logo
Maxim Integrated Produc...
MAX8632 MAXIM-MAX8632 Datasheet
512Kb / 29P
Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Rev 0; 3/05
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
logo
Infineon Technologies A...
ESD8V0L1B-02EL INFINEON-ESD8V0L1B-02EL Datasheet
616Kb / 9P
Notebooks and destop computers, peripherals
2013-02-06
logo
Texas Instruments
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
WLED Driver for Notebooks
logo
Kingston Technology Far...
SNVS KINGSTON-SNVS Datasheet
2Mb / 2P
Efficient performance for thinner notebooks and systems
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com