Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6231 Datasheet (PDF) - Agilent(Hewlett-Packard)

AMMC-6231 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AMMC-6231
Download  AMMC-6231 Download
File Size   954.51 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 16-32 GHz Low Noise Amplifier

AMMC-6231 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6231 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AMMC-6231
Download  AMMC-6231 Click to download

File Size   954.51 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 16-32 GHz Low Noise Amplifier

AMMC-6231 Datasheet (HTML) - Agilent(Hewlett-Packard)


AMMC-6231 Product details

Description
Agilent’s AMMC-6231 is a high gain, low-noise amplifier that operates from 16 GHz to 32 GHz. This LNA provides a wide-band solution for system design since it covers several bands, thus, reduces part inventory. The device has input / output match to 50 Ohm, is unconditionally stable and can be used as either primary or sub-sequential low noise gain stage. By eliminating the complex tuning and assembly processes typically required by hybrid (discrete-FET) amplifiers, the AMMC-6231 is a cost-effective alternative in the 16 - 32 GHz communications receivers.

Features
• Wide frequency range: 16 - 32 GHz
• High gain: 22 dB
• Low 50 Ω Noise Figure: 2.6 dB
• 50 Ω Input and Output Match
• Flat Gain Response
• Single 3V Supply Bias

Applications
• Microwave Radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and 802.20 WiMax)
• WLL and MMDS loops
• Commercial Grade Military




Similar Part No. - AMMC-6231

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6231 AVAGO-AMMC-6231 Datasheet
953Kb / 8P
16-32 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6231 BOARDCOM-AMMC-6231 Datasheet
1Mb / 8P
16??2 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6231-W10 AVAGO-AMMC-6231-W10 Datasheet
953Kb / 8P
16-32 GHz Low Noise Amplifier
AMMC-6231-W50 AVAGO-AMMC-6231-W50 Datasheet
953Kb / 8P
16-32 GHz Low Noise Amplifier
More results


Similar Description - AMMC-6231

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6231 AVAGO-AMMC-6231 Datasheet
953Kb / 8P
16-32 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
22 ??32 GHz GaAs Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
8-16 GHz Low Noise Amplifier
CMD307 MMIC-CMD307 Datasheet
244Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307P3 MMIC-CMD307P3 Datasheet
251Kb / 12P
8-16 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6231 BOARDCOM-AMMC-6231 Datasheet
1Mb / 8P
16??2 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD307P3 QORVO-CMD307P3 Datasheet
251Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307 QORVO-CMD307 Datasheet
244Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307P3 QORVO-CMD307P3_V01 Datasheet
344Kb / 13P
8-16 GHz Low Noise Amplifier
June 2, 2021
CMD307 QORVO-CMD307_V01 Datasheet
272Kb / 13P
8-16 GHz Low Noise Amplifier
August 19, 2021
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com