Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0027A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TL0027A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TL0027A
Download  TL0027A Download
File Size   459.16 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description LTCC Filter 824 ~ 915(869.5) MHz SMD 1.0x0.5 mm (91MHz BW)

TL0027A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL0027A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TL0027A
Download  TL0027A Click to download

File Size   459.16 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description LTCC Filter 824 ~ 915(869.5) MHz SMD 1.0x0.5 mm (91MHz BW)

TL0027A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TL0027A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TL0020A TAI-SAW-TL0020A Datasheet
442Kb / 5P
Low Pass Filter 915(902~928) MHz 2.0X1.25 mm
TL0020BA2093 TAI-SAW-TL0020BA2093 Datasheet
160Kb / 6P
LTCC filter 915 MHz BW 26MHz Size 2.0x1.25mm
REV.2.0
TL0022A TAI-SAW-TL0022A Datasheet
412Kb / 5P
Multi-layer Filter 205.5 MHz Size 3.2x2.5 mm (BW=63 MHz)
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
TL0024A TAI-SAW-TL0024A Datasheet
579Kb / 5P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (1160MHz BW)
More results


Similar Description - TL0027A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1868B TAI-SAW-TA1868B Datasheet
521Kb / 7P
SAW Filter 869.5 MHz SMD 3.0횞3.0 mm (BW=13 MHz)
TL0034A TAI-SAW-TL0034A Datasheet
434Kb / 5P
LTCC Filter 915 MHz SMD 2.0x1.25 mm (26MHz BW)
TL0035A TAI-SAW-TL0035A Datasheet
664Kb / 6P
LTCC Filter 5788 MHz SMD 2.5x2.0 mm (125MHz BW)
TL0035B TAI-SAW-TL0035B Datasheet
654Kb / 6P
LTCC Filter 5788 MHz SMD 2.5x2.0 mm (125MHz BW)
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
TL0024A TAI-SAW-TL0024A Datasheet
579Kb / 5P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (1160MHz BW)
TL0025A TAI-SAW-TL0025A Datasheet
360Kb / 6P
LTCC Filter 2448 MHz SMD 2.0x1.25 mm (72MHz BW)
TL0026A TAI-SAW-TL0026A Datasheet
630Kb / 6P
LTCC Filter 824 ~ 915(869.5) MHz SMD 0.65x0.5 mm (91MHz BW)
TL0030A TAI-SAW-TL0030A Datasheet
575Kb / 6P
LTCC Filter 1710 ~ 2025(1867.5) MHz SMD 1.0x0.5 mm 315MHz BW
TL0032A TAI-SAW-TL0032A Datasheet
298Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com