Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0033A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TL0033A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TL0033A
Download  TL0033A Download
File Size   481.77 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description LTCC Filter 3600 MHz Size 2.0x1.25 mm (400 MHz BW)

TL0033A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL0033A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TL0033A
Download  TL0033A Click to download

File Size   481.77 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description LTCC Filter 3600 MHz Size 2.0x1.25 mm (400 MHz BW)

TL0033A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TL0033A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TL0030A TAI-SAW-TL0030A Datasheet
575Kb / 6P
LTCC Filter 1710 ~ 2025(1867.5) MHz SMD 1.0x0.5 mm 315MHz BW
TL0031A TAI-SAW-TL0031A Datasheet
356Kb / 4P
LTCC Filter 1880 ~ 2025(1952.5) MHz SMD 1.6x0.8 mm (145MHz BW)
TL0032A TAI-SAW-TL0032A Datasheet
298Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
TL0032B TAI-SAW-TL0032B Datasheet
143Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
TL0032DA2592 TAI-SAW-TL0032DA2592 Datasheet
122Kb / 5P
LTCC Filter 5887.5 MHz SMD 2.5x2.0 mm (75MHz BW)
REV.1
More results


Similar Description - TL0033A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TL0034A TAI-SAW-TL0034A Datasheet
434Kb / 5P
LTCC Filter 915 MHz SMD 2.0x1.25 mm (26MHz BW)
TL0037A TAI-SAW-TL0037A Datasheet
738Kb / 6P
LTCC Filter 3750 MHz SMD 2.0x1.25 mm
TL0038A TAI-SAW-TL0038A Datasheet
766Kb / 6P
LTCC Filter 4700 MHz Size 2.0x1.25 mm
TL0040A TAI-SAW-TL0040A Datasheet
352Kb / 6P
LTCC Filter 5550 MHz Size 1.6x0.8 mm (800MHz BW)
TL0009A TAI-SAW-TL0009A Datasheet
225Kb / 7P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (100MHz BW)
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
TL0024A TAI-SAW-TL0024A Datasheet
579Kb / 5P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (1160MHz BW)
TL0025A TAI-SAW-TL0025A Datasheet
360Kb / 6P
LTCC Filter 2448 MHz SMD 2.0x1.25 mm (72MHz BW)
TL0009BA0094 TAI-SAW-TL0009BA0094 Datasheet
225Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm (100MHz BW)
TL0043AA2095 TAI-SAW-TL0043AA2095 Datasheet
677Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com