Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN5273 Datasheet (PDF) - Panasonic Semiconductor

AN5273 Datasheet PDF - Panasonic Semiconductor
Part # AN5273
Download  AN5273 Download
File Size   69.91 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control

AN5273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN5273 Datasheet PDF - Panasonic Semiconductor

Part # AN5273
Download  AN5273 Click to download

File Size   69.91 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control

AN5273 Datasheet (HTML) - Panasonic Semiconductor


AN5273 Product details

■Overview

The AN5273 is a monolithic integrated circuit designed for 4.0 W (18 V, 8 Ω) output audio power amplifier. It is a dual channel SEPP IC suitable for stereo operation in TV application.





■Features

•Built-in DC volume control

•Built-in mute circuit

•Built-in thermal protection circuit

•Built-in over current protection circuit

•VCCoperating range : 12.2 V to 27.5 V




Similar Part No. - AN5273

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5275 PANASONIC-AN5275 Datasheet
27Kb / 2P
15W X 2Ch. Low Frequency Power Amplifier Circuit for TV
AN5276 PANASONIC-AN5276 Datasheet
69Kb / 8P
5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
More results


Similar Description - AN5273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4753 NSC-LM4753 Datasheet
464Kb / 13P
Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5276 PANASONIC-AN5276 Datasheet
69Kb / 8P
5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
AN5278 PANASONIC-AN5278 Datasheet
77Kb / 9P
4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com