Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P521-29DC Datasheet (PDF) - PhaseLink Corporation

P521-29DC Datasheet PDF - PhaseLink Corporation
Part # P521-29DC
Download  P521-29DC Download
File Size   107.78 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Phase Noise LVDS VCXO (100MHz to 200MHz)

P521-29DC Datasheet (PDF)

Go To PDF Page Download Datasheet
P521-29DC Datasheet PDF - PhaseLink Corporation

Part # P521-29DC
Download  P521-29DC Click to download

File Size   107.78 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Phase Noise LVDS VCXO (100MHz to 200MHz)

P521-29DC Datasheet (HTML) - PhaseLink Corporation


P521-29DC Product details

DESCRIPTIONS

P521-29 is a VCXO IC specifically designed to pull high frequency fundamental crystals. Its internal varicaps allow an on chip frequency pulling, controlled by the VCON input. The chip provides a low phase noise, low jitter LVDS differential clock output.



FEATURES

· 100MHz to 200MHz Fundamental Mode Crystal.

· Output range: 100MHz – 200MHz.

· Complementary LVDS outputs.

· Selectable OE Logic (enable high or enable low).

· Integrated variable capacitors.

· High pull linearity: < 5%.

· +/- 125 ppm pull range

· Supports 2.5V or 3.3V-Power Supply.

· Available in die form.

· Thickness 10 mil.



 




Similar Part No. - P521-29DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-23DC PLL-P521-23DC Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-23DC PLL-P521-23DC Datasheet
198Kb / 7P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-23OC PLL-P521-23OC Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-23OC-R PLL-P521-23OC-R Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results


Similar Description - P521-29DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com