Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P521-48 Datasheet (PDF) - PhaseLink Corporation

P521-48 Datasheet PDF - PhaseLink Corporation
Part # P521-48
Download  P521-48 Download
File Size   110.11 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Phase Noise PECL VCXO (27MHz to 65MHz)

P521-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
P521-48 Datasheet PDF - PhaseLink Corporation

Part # P521-48
Download  P521-48 Click to download

File Size   110.11 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Phase Noise PECL VCXO (27MHz to 65MHz)

P521-48 Datasheet (HTML) - PhaseLink Corporation


P521-48 Product details

DESCRIPTIONS

P521-48 is a VCXO IC specifically designed to pull high frequency fundamental crystals. Its internal varicaps allow an on chip frequency pulling, controlled by the VCON input. The chip provides a low phase noise, low jitter PECL differential clock output.



FEATURES

· 27MHz to 65MHz Fundamental Mode Crystal.

· Output range: 27MHz – 65MHz.

· Complementary PECL outputs.

· Selectable OE Logic (enable high or enable low).

· Integrated variable capacitors.

· High pull linearity: < 5%.

· +/- 125 ppm pull range

· Supports 2.5V or 3.3V-Power Supply.

· Available in die form.

· Thickness 10 mil.



 




Similar Part No. - P521-48

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
P521-49DC PLL-P521-49DC Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
More results


Similar Description - P521-48

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL502-25 PLL-PLL502-25 Datasheet
199Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
03/21/05
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com