Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3992 Datasheet (PDF) - Analog Devices

ADCA3992 Datasheet PDF - Analog Devices
Part # ADCA3992
Download  ADCA3992 Download
File Size   272.51 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 45 MHz to 1218 MHz, CATV Power Doubler Hybrid

ADCA3992 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCA3992 Datasheet PDF - Analog Devices

Part # ADCA3992
Download  ADCA3992 Click to download

File Size   272.51 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 45 MHz to 1218 MHz, CATV Power Doubler Hybrid

ADCA3992 Datasheet (HTML) - Analog Devices




Similar Part No. - ADCA3992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
ADCA3990AMLZ AD-ADCA3990AMLZ Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
More results


Similar Description - ADCA3992

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
1218 MHz CATV MMIC Power Doubler
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4789 SKYWORKS-ACA4789 Datasheet
377Kb / 5P
1218 MHz 25 dB Gain CATV Power-Doubler Amplifier
logo
Analog Devices
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
12/2020-Revision 0
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
11/2020-Revision 0
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com