Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1082CHIP Datasheet (PDF) - Analog Devices

HMC1082CHIP Datasheet PDF - Analog Devices
Part # HMC1082CHIP
Download  HMC1082CHIP Download
File Size   378.18 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier

HMC1082CHIP Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1082CHIP Datasheet PDF - Analog Devices

Part # HMC1082CHIP
Download  HMC1082CHIP Click to download

File Size   378.18 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier

HMC1082CHIP Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1082CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC1082LP4E AD-HMC1082LP4E Datasheet
796Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Similar Description - HMC1082CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com