Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL130-07 Datasheet (PDF) - PhaseLink Corporation

PLL130-07 Datasheet PDF - PhaseLink Corporation
Part # PLL130-07
Download  PLL130-07 Download
File Size   231.17 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to CMOS (Selectable Drive)

PLL130-07 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL130-07 Datasheet PDF - PhaseLink Corporation

Part # PLL130-07
Download  PLL130-07 Click to download

File Size   231.17 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to CMOS (Selectable Drive)

PLL130-07 Datasheet (HTML) - PhaseLink Corporation


PLL130-07 Product details

DESCRIPTION

The PLL130-07 is a low cost, high performance, high speed, buffer that reproduces any input frequency from DC to 200MHz. It provides CMOS output with 15pF output load drive capability. Any input signal with at least 100mV swing can be used as reference signal. This chip is ideal for conversion from sine wave to CMOS.



FEATURES

• CMOS output

• Selectable Drive capability (15pF or 30pF output load).

• Single AC coupled input (min. 100mV swing).

• Input range from DC to 200 MHz.

• 2.5V to 3.3V operation.

• Available in 8-Pin SOIC and 3x3mm QFN.




Similar Part No. - PLL130-07

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC PLL-PLL130-05QC Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC-R PLL-PLL130-05QC-R Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QI PLL-PLL130-05QI Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05SC PLL-PLL130-05SC Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
More results


Similar Description - PLL130-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
National Semiconductor ...
LMH6734 NSC-LMH6734 Datasheet
558Kb / 18P
Single Supply, Ultra High-Speed, Triple Selectable Gain Buffer
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com