Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P130-05QC Datasheet (PDF) - PhaseLink Corporation

P130-05QC Datasheet PDF - PhaseLink Corporation
Part # P130-05QC
Download  P130-05QC Download
File Size   208.66 Kbytes
Page   4 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to PECL (Enable Low)

P130-05QC Datasheet (PDF)

Go To PDF Page Download Datasheet
P130-05QC Datasheet PDF - PhaseLink Corporation

Part # P130-05QC
Download  P130-05QC Click to download

File Size   208.66 Kbytes
Page   4 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to PECL (Enable Low)

P130-05QC Datasheet (HTML) - PhaseLink Corporation


P130-05QC Product details

DESCRIPTION
The PLL130-05 is a low cost, high performance, high speed, buffer that reproduces any input frequency from DC to 1.3GHz. It provides one pair of differential PECL outputs. Any input signal with at least 100mV swing can be used as reference signal. This chip is ideal for conversion from sine wave, TTL, CMOS, or LVDS to PECL.

FEATURES
• Differential PECL output
• Single AC coupled input (min. 100mV swing).
• Input range from DC to 1.0 GHz.
• 2.5V to 3.3V operation.
• Available in 3x3mm QFN.




Similar Part No. - P130-05QC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-000-AUD4K6 TRIPPLITE-P130-000-AUD4K6 Datasheet
165Kb / 3P
4K HDMI Audio Extractor with TOSLINK, RCA and 3.5 mm Stereo Output, 7.1 Channel, HDCP 2.2, 4K x 2K @ 60 Hz
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P130-000-COMP TRIPPLITE-P130-000-COMP Datasheet
492Kb / 2P
HDMI to Composite Video with Audio Converter
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
More results


Similar Description - P130-05QC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT982 MICREL-SY100ELT982 Datasheet
60Kb / 5P
PECL-TO-CML TRANSLATOR w/o ENABLE
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
Micrel Semiconductor
SY100ELT982 MICREL-SY100ELT982_06 Datasheet
49Kb / 6P
PECL-TO-CML TRANSLATOR WITH OUTPUT ENABLE
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
ABB3068 ABRACON-ABB3068 Datasheet
101Kb / 5P
High Speed Translator Buffers: Single ended to PECL or LVDS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com