Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P130-68 Datasheet (PDF) - PhaseLink Corporation

P130-68 Datasheet PDF - PhaseLink Corporation
Part # P130-68
Download  P130-68 Download
File Size   224.71 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffers: Single ended to PECL or LVDS

P130-68 Datasheet (PDF)

Go To PDF Page Download Datasheet
P130-68 Datasheet PDF - PhaseLink Corporation

Part # P130-68
Download  P130-68 Click to download

File Size   224.71 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffers: Single ended to PECL or LVDS

P130-68 Datasheet (HTML) - PhaseLink Corporation


P130-68 Product details

DESCRIPTION

The PLL130-68 and PLL130-69 are low cost, high performance, high speed, translator buffers that reproduce any input frequency from DC to 1.0GHz. They provide a pair of differential out puts (PECL for PLL130-68 or LVDS for PLL130-69). Thanks to an internal AC coupling of the reference input (REFIN), any input signal with at least 100mV swing can be used as reference signal, regardless of its DC value. These chips are ideal for conversion from clipped sine wave, TTL, CMOS, or differential signal to LVDS or

PECL.



FEATURES

• Differential PECL (PLL130-68) or LVDS(PLL130-69) output.

• Accepts any single-ended REFIN input (with as low as 100mV swing).

• Internal AC coupling of REFIN

• Input range from 1.0MHz to 1.0 GHz.

• No Vref required.

• No external current source required.

• 2.5 to 3.3V operation.

• Available in 3x3mm QFN.




Similar Part No. - P130-68

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-000-AUD4K6 TRIPPLITE-P130-000-AUD4K6 Datasheet
165Kb / 3P
4K HDMI Audio Extractor with TOSLINK, RCA and 3.5 mm Stereo Output, 7.1 Channel, HDCP 2.2, 4K x 2K @ 60 Hz
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P130-000-COMP TRIPPLITE-P130-000-COMP Datasheet
492Kb / 2P
HDMI to Composite Video with Audio Converter
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
More results


Similar Description - P130-68

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
PhaseLink Corporation
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
PECL / LVPECL to LVDS Translator
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
Abracon Corporation
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
ABB3068 ABRACON-ABB3068 Datasheet
101Kb / 5P
High Speed Translator Buffers: Single ended to PECL or LVDS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com