Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6960 Datasheet (PDF) - Maxim Integrated Products

MAX6960 Datasheet PDF - Maxim Integrated Products
Part # MAX6960
Download  MAX6960 Download
File Size   462.19 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers

MAX6960 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6960 Datasheet PDF - Maxim Integrated Products

Part # MAX6960
Download  MAX6960 Click to download

File Size   462.19 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers

MAX6960 Datasheet (HTML) - Maxim Integrated Products


MAX6960 Product details

General Description

The MAX6960–MAX6963 are compact cathode-row display drivers that interface microprocessors to 8 x 8 dot matrix red, green, and yellow (R,G,Y) LED displays through a high-speed 4-wire serial interface. The MAX6960–MAX6963 drive two monocolor 8 x 8 matrix displays, or a single RGY 8 x 8 matrix display with no external components. The driver can also be used with external pass transistors to control red, green, blue (RGB) and other displays at higher currents and voltages



Features

♦ 2.7V to 3.6V Operation

♦ High-Speed 20MHz Serial Interface

♦ Trimmed 40mA or 20mA Peak Segment Current

♦ Directly Drives Either Two Monocolor or One RGY Cathode-Row 8 x 8 Matrix Displays

♦ Analog Digit-by-Digit Segment Current Calibration

♦ Digital Digit-by-Digit Segment Current Calibration

♦ 256-Step Panel Intensity Control (All Drivers)

♦ Four Steps per Color Pixel-Level Intensity Control

♦ Open/Short LED Detection

♦ Burst White to Display Memory Planes

♦ Global Command Access All Devices

♦ Can Control RGB Panels or Higher Current/Voltage Panels with External Pass Transistors

♦ Multiple Display Data Planes Ease Animation

♦ Automatic Plane Switching from 63 Planes per Second to One Plane Every 63s, with Interrupt

♦ Slew-Rate-Limited Segment Drivers for Lower EMI

♦ Driver Switching Timing Can Be Spread Between Multiple Drivers to Flatten Power-Supply Peak Demand

♦ Low-Power Shutdown with Full Data Retention

♦ -40°C to +125°C Temperature Range



Applications

Message Boards

Industrial Controls

Gaming Machines

Audio/Video Equipment




Similar Part No. - MAX6960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960 Datasheet
388Kb / 35P
4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX6960AMH MAXIM-MAX6960AMH Datasheet
388Kb / 35P
4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX6960ATH MAXIM-MAX6960ATH Datasheet
388Kb / 35P
4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX6960ATH MAXIM-MAX6960ATH Datasheet
256Kb / 34P
4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 4; 11/12
MAX6960EVCMODU MAXIM-MAX6960EVCMODU Datasheet
1Mb / 24P
MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
More results


Similar Description - MAX6960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960_07 Datasheet
388Kb / 35P
4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960_14 Datasheet
256Kb / 34P
4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 4; 11/12
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com