Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7807 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7807 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7807
Download  VSC7807 Download
File Size   144.46 Kbytes
Page   10 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Photodetector/Transimpedance Amplifier Family for Optical Communication

VSC7807 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7807 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7807
Download  VSC7807 Click to download

File Size   144.46 Kbytes
Page   10 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Photodetector/Transimpedance Amplifier Family for Optical Communication

VSC7807 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7807 Product details

General Description
The VSC7807 integrated Photodetector/Transimpedance Amplifier provides a highly integrated solution for converting 850nm light from a fiber optic communications channel into a differential output voltage. The benefits of Vitesse Semiconductor’s Gallium Arsenide H-GaAs process are fully utilized to provide very high bandwidth and low noise in a product with a large optically active area for easy alignment. The sensitivity, duty cycle distortion and jitter meet or exceed all Fibre Channel and Gigabit Ethernet application requirements. The VSC7807 is available in either die form, flat-windowed packages or ball-lens packages.
   
Features
• Integrated Photodetector/Transimpedance Amplifier
    Optimized for High-Speed Optical Communications
    Applications
• Fibre Channel/Gigabit Ethernet-Compatible
• High Bandwidth: 1300MHz
• Low Input Noise Equivalent Power: 2.2µW
• Large Optically Active Area
• Single 3.3V Power Supply
• 2.125Gb/s Data Rate
• 70µm Optically Active Area
• Packages: TO-46, TO-56, Bare Die
   
Applications
• Gigabit Ethernet Optical Receivers
• Fibre Channel Optical Receivers
• ATM Optical Receivers
• SONET/SDH
• System Interconnect
   




Similar Part No. - VSC7807

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WA VITESSE-VSC7809WA Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WB VITESSE-VSC7809WB Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WC VITESSE-VSC7809WC Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WD VITESSE-VSC7809WD Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results


Similar Description - VSC7807

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
logo
Hitachi Semiconductor
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
Optical Communication Receiver/Amplifier
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
Optical Communication Receiver/Amplifier
logo
Vitesse Semiconductor C...
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com