Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P602-20SC Datasheet (PDF) - PhaseLink Corporation

P602-20SC Datasheet PDF - PhaseLink Corporation
Part # P602-20SC
Download  P602-20SC Download
File Size   196.86 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 200MHz XO IC With Selectable 4X/8X Multiplier

P602-20SC Datasheet (PDF)

Go To PDF Page Download Datasheet
P602-20SC Datasheet PDF - PhaseLink Corporation

Part # P602-20SC
Download  P602-20SC Click to download

File Size   196.86 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 200MHz XO IC With Selectable 4X/8X Multiplier

P602-20SC Datasheet (HTML) - PhaseLink Corporation




Similar Part No. - P602-20SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P602-00DC PLL-P602-00DC Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
P602-01HOC PLL-P602-01HOC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
P602-01HSC PLL-P602-01HSC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
P602-01OC PLL-P602-01OC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
P602-01SC PLL-P602-01SC Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
More results


Similar Description - P602-20SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-12 PLL-PLL601-12 Datasheet
203Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
4x Low Phase Noise Multiplier PECL XO
PLL602-00 PLL-PLL602-00 Datasheet
174Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
PulseCore Semiconductor
ASM3P2274A PULSECORE-ASM3P2274A Datasheet
156Kb / 8P
Low Power 4X Multiplier EMI Reduction IC
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Abracon Corporation
ABX0112 ABRACON-ABX0112 Datasheet
58Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
logo
Microchip Technology
MX575ABC200M000 MICROCHIP-MX575ABC200M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 200MHz LVCMOS XO
November 23, 2016 Revision 1.0
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com