Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS525-04 Datasheet (PDF) - Integrated Circuit Systems

ICS525-04 Datasheet PDF - Integrated Circuit Systems
Part # ICS525-04
Download  ICS525-04 Download
File Size   154.94 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OSCaR-TM User Configurable PECL Clock

ICS525-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS525-04 Datasheet PDF - Integrated Circuit Systems

Part # ICS525-04
Download  ICS525-04 Click to download

File Size   154.94 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OSCaR-TM User Configurable PECL Clock

ICS525-04 Datasheet (HTML) - Integrated Circuit Systems


ICS525-04 Product details

Description
The ICS525-04 OSCaRTM is the most flexible way to generate a high quality, high frequency differential PECL clock output from a crystal or CMOS clock input.

Features
• Packaged as 28 pin SSOP (150 mil body)
• Highly accurate frequency generation
• User determines the output frequency by setting all internal dividers
• Eliminates need for custom oscillators
• No software needed
• Pull-ups on select inputs
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 50 MHz
• Output clock frequencies up to 156 MHz at 3.3V
• Output clock frequencies up to 200 MHz at 5V
• Very low jitter
• PECL levels set by external resistors
• Operating voltage of 3.3V or 5V
• Ideal for oscillator replacement
• Industrial temperature version available
• Advanced, low power CMOS process




Similar Part No. - ICS525-04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
More results


Similar Description - ICS525-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
PECL Input OSCaR-TM USER Configurable Clock
Revision 010906
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
Clock Slicer User Configurable PECL Input Zero Delay Buffer
Revision 022806
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
Clock Slicer User Configurable PECL input Zero Delay Buffer
Revision 122804
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com