Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS527R-02IT Datasheet (PDF) - Integrated Circuit Systems

ICS527R-02IT Datasheet PDF - Integrated Circuit Systems
Part # ICS527R-02IT
Download  ICS527R-02IT Download
File Size   162.16 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Clock Slicer User Configurable PECL Input Zero Delay Buffer

ICS527R-02IT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS527R-02IT Datasheet PDF - Integrated Circuit Systems

Part # ICS527R-02IT
Download  ICS527R-02IT Click to download

File Size   162.16 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Clock Slicer User Configurable PECL Input Zero Delay Buffer

ICS527R-02IT Datasheet (HTML) - Integrated Circuit Systems


ICS527R-02IT Product details

Description
The ICS527-02 Clock Slicer is the most flexible way to generate a CMOS output clock from a PECL input clock with zero skew. The user can easily configure the device to produce nearly any output clock that is multiplied or divided from the input clock. The part supports non-integer multiplications and divisions. A SYNC pulse indicates when the rising clock edges are aligned with zero skew. Using Phase-Locked Loop (PLL) techniques, the device accepts an input clock up to 200 MHz and produces an output clock up to 160 MHz.

Features
• Packaged as 28-pin SSOP (150 mil body)
• Synchronizes fractional clocks rising edges
• PECL IN to CMOS OUT
• Pin selectable dividers
• Zero input to output skew
• User determines the output frequency—no software needed
• Slices frequency or period
• Input clock frequency of 1.5 MHz to 200 MHz
• Output clock frequencies from 2.5 MHz to 160 MHz
• Very low jitter
• Duty cycle of 45/55
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• Industrial temperature version available




Similar Part No. - ICS527R-02IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527R-01 ICST-ICS527R-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS527R-01I ICST-ICS527R-01I Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS527R-01IT ICST-ICS527R-01IT Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS527R-01T ICST-ICS527R-01T Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
More results


Similar Description - ICS527R-02IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
PECL Input OSCaR-TM USER Configurable Clock
Revision 010906
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
Clock Slicer User Configurable PECL Output Zero Delay Buffer
Revision 122804
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
Clock Slicer User Configurable PECL input Zero Delay Buffer
Revision 122804
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com