Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516I Datasheet (PDF) - Integrated Circuit Systems

ICS8516I Datasheet PDF - Integrated Circuit Systems
Part # ICS8516I
Download  ICS8516I Download
File Size   170.41 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP

ICS8516I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8516I Datasheet PDF - Integrated Circuit Systems

Part # ICS8516I
Download  ICS8516I Click to download

File Size   170.41 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP

ICS8516I Datasheet (HTML) - Integrated Circuit Systems


ICS8516I Product details

GENERALDESCRIPTION

The ICS8516I is a low skew, high performance 1-to-16 Differential-to-LVDS Clock Distribution Chip and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8516I CLK, nCLK pair can accept any differential input levels and translates them to 3.3V LVDS output levels. Utilizing Low Voltage Differential Signaling (LVDS), the ICS8516I provides a low power, low noise, point-to-point solution for distributing clock signals over controlled impedances of 100Ω.



FEATURES

• 16 Differential LVDS outputs

• CLK, nCLK pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL

• Maximum output frequency: 700MHz

• Translates any differential input signal (LVPECL, LVHSTL, SSTL, DCM) to LVDS levels without external bias networks

• Translates any single-ended input signal to LVDS with resistor bias on nCLK input

• Multiple output enable inputs for disabling unused outputs in reduced fanout applications

• LVDS compatible

• Output skew: 65ps (maximum)

• Part-to-part skew: 550ps (maximum)

• Propagation delay: 2.4ns (maximum)

• 3.3V operating supply

• -40°C to 85°C ambient operating temperature

 




Similar Part No. - ICS8516I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results


Similar Description - ICS8516I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
85108 IDT-85108 Datasheet
528Kb / 16P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com