Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6123MS Datasheet (PDF) - Panasonic Semiconductor

AN6123MS Datasheet PDF - Panasonic Semiconductor
Part # AN6123MS
Download  AN6123MS Download
File Size   56.68 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Speech network IC with ALC

AN6123MS Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6123MS Datasheet PDF - Panasonic Semiconductor

Part # AN6123MS
Download  AN6123MS Click to download

File Size   56.68 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Speech network IC with ALC

AN6123MS Datasheet (HTML) - Panasonic Semiconductor


AN6123MS Product details

■ Features
• Wide supply voltage operation range of VCC = 2.4 V to
6.0 V
• Small current consumption of ICC = 500 µA
• Reduction of a bad effect by the external noise thanks to
a package for a rear side mounting.




Similar Part No. - AN6123MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
Speech network IC with ALC
More results


Similar Description - AN6123MS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
TELEPHONE SPEECH NETWORK IC
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
Hands-free Speech Network IC
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
AGC IC for telephone speech network
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
Hands-free Speech Network IC
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
Speech Network IC Incorporating Cross-Point Switch
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
logo
Samsung semiconductor
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
Speech network IC with ALC
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com