Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84321I Datasheet (PDF) - Integrated Circuit Systems

ICS84321I Datasheet PDF - Integrated Circuit Systems
Part # ICS84321I
Download  ICS84321I Download
File Size   301.68 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

ICS84321I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84321I Datasheet PDF - Integrated Circuit Systems

Part # ICS84321I
Download  ICS84321I Click to download

File Size   301.68 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

ICS84321I Datasheet (HTML) - Integrated Circuit Systems


ICS84321I Product details

GENERAL DESCRIPTION
The ICS84321I is a general purpose, dual output Crystal-to-3.3V Differential LVPECL High Frequency Synthesizer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS84321I has a select able TEST_CLK or crystal inputs. The VCO operates at a frequency range of 620MHz to 780MHz. The VCO frequency is programmed in steps equal to the value of the input reference or crystal frequency. The VCO and output frequency can be programmed using the serial or parallel interfaces to the configuration logic. The low phase noise characteristics of the ICS84321I make it an ideal clock source for Fibre Channel 1, Fibre Channel 2, 10 Gigabit Fibre Channel, Gigabit Ethernet and 10 Gigabit Ethernet applications.

FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 103.3MHz to 260MHz
• Crystal input frequency range: 14MHz to 40MHz
• VCO range: 620MHz to 780MHz
• Parallel or serial interface for programming counter and output dividers
• RMS period jitter: 3ps (typical)
• RMS phase jitter at 155.52MHz, using a 38.88MHz crystal (12KHz to 20MHz): 2.5ps (typical)
    Phase noise: 155.52MHz
    Offset Noise Power
    100Hz ..................-84.1 dBc/Hz
    1KHz ................ -109.8 dBc/Hz
    10KHz ................ -126.3 dBc/Hz
    100KHz ................ -128.7 dBc/Hz
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS84321I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84321 ICST-ICS84321 Datasheet
204Kb / 18P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 9, 2005
ICS84321AY ICST-ICS84321AY Datasheet
204Kb / 18P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 9, 2005
ICS84321AYLF ICST-ICS84321AYLF Datasheet
204Kb / 18P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 9, 2005
ICS84321AYLFT ICST-ICS84321AYLFT Datasheet
204Kb / 18P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 9, 2005
ICS84321AYT ICST-ICS84321AYT Datasheet
204Kb / 18P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 9, 2005
More results


Similar Description - ICS84321I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
ICS84321 ICST-ICS84321 Datasheet
204Kb / 18P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 9, 2005
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
84320I-01 RENESAS-84320I-01 Datasheet
509Kb / 21P
780MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
DECEMBER 17, 2014
84321I RENESAS-84321I Datasheet
466Kb / 19P
260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com