Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20079 Datasheet (PDF) - Maxim Integrated Products

MAX20079 Datasheet PDF - Maxim Integrated Products
Part # MAX20079
Download  MAX20079 Download
File Size   1900.69 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Delivers Up to 3.5A Output Current

MAX20079 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20079 Datasheet PDF - Maxim Integrated Products

Part # MAX20079
Download  MAX20079 Click to download

File Size   1900.69 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Delivers Up to 3.5A Output Current

MAX20079 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX20079

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20079 MAXIM-MAX20079 Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20079AATPVY MAXIM-MAX20079AATPVY Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20079BATPVY MAXIM-MAX20079BATPVY Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20079DATPVY MAXIM-MAX20079DATPVY Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20079EATPVY MAXIM-MAX20079EATPVY Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
More results


Similar Description - MAX20079

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
Delivers up to 25 A output current
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
Delivers up to 55A of output current (660W)
PQ50180HTB10 SYNQOR-PQ50180HTB10 Datasheet
1Mb / 14P
Delivers up to 180W of output power with minimal derating
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
Delivers up to 37W of output power with minimal derating
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
Delivers up to 30A output current
logo
Bel Fuse Inc.
YNS05S10 BEL-YNS05S10 Datasheet
691Kb / 20P
Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
Delivers up to 16 A (88 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
Delivers up to 10 A (36 W)
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
Delivers up to 16 A (58 W)
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com