Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6980 Datasheet (PDF) - Analog Devices

HMC6980 Datasheet PDF - Analog Devices
Part # HMC6980
Download  HMC6980 Download
File Size   345.61 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ

HMC6980 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6980 Datasheet PDF - Analog Devices

Part # HMC6980
Download  HMC6980 Click to download

File Size   345.61 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ

HMC6980 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC6980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
827Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER, 15 - 20 GHz
v03.1018
HMC6981LS6 AD-HMC6981LS6_V01 Datasheet
827Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER, 15 - 20 GHz
v03.1018
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC698LP5 HITTITE-HMC698LP5 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
More results


Similar Description - HMC6980

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C026 HITTITE-HMC-C026 Datasheet
509Kb / 6P
WIDEBAND HIGH GAIN POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C036 HITTITE-HMC-C036 Datasheet
344Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
logo
Analog Devices
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
9/2016-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com