Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844256 Datasheet (PDF) - Integrated Circuit Systems

ICS844256 Datasheet PDF - Integrated Circuit Systems
Part # ICS844256
Download  ICS844256 Download
File Size   213.32 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER

ICS844256 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844256 Datasheet PDF - Integrated Circuit Systems

Part # ICS844256
Download  ICS844256 Click to download

File Size   213.32 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER

ICS844256 Datasheet (HTML) - Integrated Circuit Systems


ICS844256 Product details

GENERAL DESCRIPTION
The ICS844256 is a Crystal-to-LVDS Clock Synthesizer/Fanout Buffer designed for SONET and Gigabit Ethernet applications and is a member of the HiperClockS™ family of High Performance Clock Solutions from ICS. The output frequency can be set using the frequency select pins and a 25MHz crystal for Ethernet frequencies, or a 19.44MHz crystal for SONET. The low phase noise characteristics of the ICS844256 make it an ideal clock for these demanding

FEATURES
• Six LVDS outputs
• Crystal oscillator interface
• Output frequency range: 62.5MHz to 622.08MHz
• Crystal input frequency range: 15.625MHz to 25.5MHz
• RMS phase jitter at 125MHz, using a 25MHz crystal (1.875MHz to 20MHz): 0.48ps (typical)
• Full 3.3V or 3.3V core, 2.5V output supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS-compliant packages




Similar Part No. - ICS844256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BG IDT-ICS844256BG Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BGLF IDT-ICS844256BGLF Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BGLFT IDT-ICS844256BGLFT Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BGT IDT-ICS844256BGT Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
More results


Similar Description - ICS844256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
84427 IDT-84427 Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
84427 RENESAS-84427 Datasheet
400Kb / 17P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
5/6/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com