Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853111B Datasheet (PDF) - Integrated Circuit Systems

ICS853111B Datasheet PDF - Integrated Circuit Systems
Part # ICS853111B
Download  ICS853111B Download
File Size   217.86 Kbytes
Page   18 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER

ICS853111B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853111B Datasheet PDF - Integrated Circuit Systems

Part # ICS853111B
Download  ICS853111B Click to download

File Size   217.86 Kbytes
Page   18 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER

ICS853111B Datasheet (HTML) - Integrated Circuit Systems


ICS853111B Product details

GENERAL DESCRIPTION

The ICS853111B is a low skew, high performance 1-to-10 Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer and a member of the HiPerClockS™family of High Performance Clock Solutions from ICS. The ICS853111B is characterized to operate from either a 2.5V or a 3.3V power supply. Guaranteed output and part-to-part skew characteristics make the ICS853111B ideal for those clock distribution applications demanding well defined performance and repeatability.



FEATURES

• 10 differential 2.5V/3.3V LVPECL / ECL outputs

• 2 selectable differential input pairs

• PCLKx, nPCLKx pairs can accept the following differential input levels: LVPECL, LVDS, CML, SSTL

• Maximum output frequency: >3GHz

• Translates any single ended input signal to 3.3V LVPECL levels with resistor bias on nPCLK input

• Output skew: 20ps (typical)

• Part-to-part skew: 85ps (typical)

• Propagation delay: 495ps (typical)

• Jitter, RMS: < 0.03ps (typical)

• LVPECL mode operating voltage supply range:

   VCC = 2.375V to 3.8V, VEE = 0V

• ECL mode operating voltage supply range:

   VCC = 0V, VEE = -3.8V to -2.375V

• -40°C to 85°C ambient operating temperature

• Lead-Free package fully RoHS compliant



 




Similar Part No. - ICS853111B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BY IDT-ICS853111BY Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BYLF IDT-ICS853111BYLF Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BYLFT IDT-ICS853111BYLFT Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BYT IDT-ICS853111BYT Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
More results


Similar Description - ICS853111B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JANUARY 10, 2006
ICS853111 ICST-ICS853111 Datasheet
138Kb / 13P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. D JULY 22, 2003
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com