Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4124 Datasheet (PDF) - Peregrine Semiconductor Corp.

4124 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4124
Download  4124 Download
File Size   265.48 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS

4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
4124 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4124
Download  4124 Click to download

File Size   265.48 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS

4124 Datasheet (HTML) - Peregrine Semiconductor Corp.


4124 Product details

Product Description

The PE4124 is a high linearity, passive Quad MOSFET Mixer for GSM 800 & Cellular Base Station Receivers and exhibits high dynamic range performance over a broad LO drive range up to 20 dBm. This mixer integrates passive matching networks to provide single-ended interfaces for the RF and LO ports, eliminating the need for external RF baluns or matching networks.



Features

• Integrated, single-ended RF & LO interfaces

• High linearity: IIP3 > +32 dBm, 820 - 920 MHz (+17 dBm LO)

• Low conversion loss: 6.9 dB (+17 dBm LO)

• High isolation: typical LO-IF at 43 dB, LO-RF at 31 dB

• Designed for low-side LO injection




Similar Part No. - 4124

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4124 FILTRONIC-4124 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
Unisonic Technologies
4124 UTC-4124 Datasheet
130Kb / 3P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
API Technologies Corp
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
More results


Similar Description - 4124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH203 ETC-MH203 Datasheet
140Kb / 4P
High Linearity Cellular-Band MMIC Mixer
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
High Linearity UltraCMOS??Quad MOSFET Mixer
logo
WJ Communication. Inc.
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com