Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4243 Datasheet (PDF) - Peregrine Semiconductor Corp.

4243 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4243
Download  4243 Download
File Size   275.5 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch

4243 Datasheet (PDF)

Go To PDF Page Download Datasheet
4243 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4243
Download  4243 Click to download

File Size   275.5 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch

4243 Datasheet (HTML) - Peregrine Semiconductor Corp.


4243 Product details

Product Description
The PE4243 UltraCMOS™ RF Switch is designed to cover a broad range of applications from near DC through 3000 MHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface, and can be controlled using either single-pin or complementary control inputs. Using a nominal +3-volt power supply voltage, a typical input 1 dB compression point of +27 dBm can be achieved. The PE4243 UltraCMOS™ RF Switch is manufactured in Peregrine’s patented Ultra Thin Silicon (UTSi®) CMOS process, offering the performance of GaAs with the economy and integration of conventional CMOS.

Features
• Single-pin or complementary CMOS logic control inputs
• +3.0-volt power supply needed for single-pin control mode
• Low insertion loss: 0.7 dB at 1000 MHz,
                          0.9 dB at 2000 MHz
• Isolation of 30 dB at 1000 MHz, 21 dB at 2000 MHz
• Typical 1 dB compression point of +27 dBm
• Ultra-small SOT-23 package




Similar Part No. - 4243

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4243 POMONA-4243 Datasheet
25Kb / 1P
Double Binding Post Assembly
logo
Wiha Tools
42431 WIHA-42431 Datasheet
55Kb / 1P
PicoFinish® fine screwdriver
42432 WIHA-42432 Datasheet
55Kb / 1P
PicoFinish® fine screwdriver
42433 WIHA-42433 Datasheet
55Kb / 1P
PicoFinish® fine screwdriver
42434 WIHA-42434 Datasheet
55Kb / 1P
PicoFinish® fine screwdriver
More results


Similar Description - 4243

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
SPDT UltraCMOS??RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com