Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9173-01 Datasheet (PDF) - Integrated Circuit Systems

ICS9173-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS9173-01
Download  ICS9173-01 Download
File Size   122.42 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Video Genlock PLL

ICS9173-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9173-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS9173-01
Download  ICS9173-01 Click to download

File Size   122.42 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Video Genlock PLL

ICS9173-01 Datasheet (HTML) - Integrated Circuit Systems


ICS9173-01 Product details

General Description
The AV9173-01 provides the analog circuit blocks required for implementing a video genlock dot (pixel) clock generator. It contains a phase detector, charge pump, loop filter, and voltage-controlled oscillator (VCO). By grouping these critical analog blocks into one IC and utilizing external digital functions, performance and design flexibility are optimized as are development time and system cost.

Features
• Phase-detector/VCO circuit block
• Ideal for genlock system
• Reference clock range 25 kHz to 1 MHz for full output clock range
• Input clocks down to 12 kHz possible with restricted output conditions (see Table 1)
• Output clock range 1.25 to 75MHz
• On-chip loop filter
• Single 5 volt power supply
• Low power CMOS technology
• Small 8-pin DIP or SOIC package




Similar Part No. - ICS9173-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
logo
Integrated Circuit Syst...
ICS91730YMLF-T ICST-ICS91730YMLF-T Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
VIDEO GENLOCK PLL
More results


Similar Description - ICS9173-01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
Video Genlock PLL
RevC051397
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
Video Genlock PLL
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
Multi-Rate Video Clock Generator with Genlock
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
VIDEO GENLOCK PLL
logo
Renesas Technology Corp
ICS9173B RENESAS-ICS9173B Datasheet
361Kb / 10P
VIDEO GENLOCK PLL
012913
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com