Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4271 Datasheet (PDF) - Peregrine Semiconductor Corp.

4271 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4271
Download  4271 Download
File Size   300.13 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPST CATV UltraCMOS??Switch DC - 3000 MHz

4271 Datasheet (PDF)

Go To PDF Page Download Datasheet
4271 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4271
Download  4271 Click to download

File Size   300.13 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPST CATV UltraCMOS??Switch DC - 3000 MHz

4271 Datasheet (HTML) - Peregrine Semiconductor Corp.




Similar Part No. - 4271

ManufacturerPart #DatasheetDescription
logo
Heyco.
4271 HEYCO-4271 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
Adafruit Industries
4271 ADAFRUIT-4271 Datasheet
447Kb / 2P
Slide Potentiometer with Plastic Knob - 35mm Long - 10KΩ
8-13-19
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Turck, Inc.
4271294 TURCK-4271294 Datasheet
182Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
4271493 TURCK-4271493 Datasheet
182Kb / 3P
Inductive Sensor – For High Pressures
11/07/2023
More results


Similar Description - 4271

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
SPST UltraCMOS??CATV Switch DC - 1300 MHz
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com