Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4274 Datasheet (PDF) - Peregrine Semiconductor Corp.

4274 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4274
Download  4274 Download
File Size   468.58 Kbytes
Page   12 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch

4274 Datasheet (PDF)

Go To PDF Page Download Datasheet
4274 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4274
Download  4274 Click to download

File Size   468.58 Kbytes
Page   12 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch

4274 Datasheet (HTML) - Peregrine Semiconductor Corp.


4274 Product details

Product Description
The PE4274 is an SPDT UltraCMOS™ Switch designed for Broadband applications such as CATV, DTV, Multi-Tuner DVR (Digital Video Recorder), Set-top Box, PCTV and Game Boxes. It offers high isolation and low insertion loss in both a powered and a unique unpowered default state. The PE4274 covers a broad frequency range from near DC to beyond 2.2 GHz with a single positive supply and CMOS control. The PE4274 provides a smaller, cost effective, more reliable and manufacturable alternative to mechanical relays in some set-top box applications.

Features
• Unpowered operational state
• All-Off terminated state
• CTB performance of 90dBc
• High isolation 63 dB at 1 GHz
• Low insertion loss: typically 0.5 dB at 5 MHz, 0.8 dB at 1 GHz
• CMOS two-pin control
• Single +3 volt supply operation
• 1 kV ESD
• Low current consumption: 8 µA




Similar Part No. - 4274

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4274 POMONA-4274 Datasheet
79Kb / 1P
Multi-Stacking Banana Plug Patch Cord with In-Line Fuse Holder
logo
Heyco.
4274 HEYCO-4274 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Turck, Inc.
4274093 TURCK-4274093 Datasheet
182Kb / 3P
Inductive Sensor – for high pressures
11/07/2023
logo
Peregrine Semiconductor...
42742-00 PEREGRINE-42742-00 Datasheet
301Kb / 10P
75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Tyco Electronics
42742-1 MACOM-42742-1 Datasheet
944Kb / 22P
FASTON Receptacles
More results


Similar Description - 4274

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com