Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAC523 Datasheet (PDF) - YAMAHA CORPORATION

YAC523 Datasheet PDF - YAMAHA CORPORATION
Part # YAC523
Download  YAC523 Download
File Size   397.61 Kbytes
Page   16 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description Electric Variable Resistance 2

YAC523 Datasheet (PDF)

Go To PDF Page Download Datasheet
YAC523 Datasheet PDF - YAMAHA CORPORATION

Part # YAC523
Download  YAC523 Click to download

File Size   397.61 Kbytes
Page   16 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description Electric Variable Resistance 2

YAC523 Datasheet (HTML) - YAMAHA CORPORATION


YAC523 Product details

■ Outline
YAC523 (EVR2) is a 7ch high grade digital volume LSI for high-end audio systems.
Owing to its built-in high-quality sound operational amplifier, output with wide dynamic range and low distortion factor can be obtained.
YAC523 is able to control each channel through a serial data interface in 255 steps at 0.5dB per step, and can allow configuration of a system with 8 channels or more by using a daisy chain connection.
Owing to its zero-cross detection function, the device is able to suppress audible noise that may occur at a quick volume change.

■Features
• Built-in 7channel high sound quality operational amplifier.
• Wide volume range.
    +31.5dB〜-95.0dB, MUTE (0.5dB/step, 255 steps)
• Maximum input signal amplitude
    4.2Vrms (± 6V power supply)
• Low distortion (THD)
    0.0004% typ. (Input=1Vrms@1kHz, Gain=0dB)
• Low residual noise
    1.2μ Vrms typ. (Gain=MUTE, IHF-A)
• Power supply voltage
    ± 4.75V〜± 6.6V
• Silicon gate CMOS process.
• 48-pin plastic LQFP (YAC523-VZ)




Similar Part No. - YAC523

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YAC520 YAMAHA-YAC520 Datasheet
363Kb / 16P
High Grade Volume Control
YAC526 YAMAHA-YAC526 Datasheet
362Kb / 14P
Electric Variable Resistance 3
More results


Similar Description - YAC523

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YAC526 YAMAHA-YAC526 Datasheet
362Kb / 14P
Electric Variable Resistance 3
logo
Skyworks Solutions Inc.
AV102-12 SKYWORKS-AV102-12 Datasheet
164Kb / 5P
HIP3 Variable Attenuator 1.7-2 GHz
logo
Assmann Electronics Inc...
AK672M-2-3-GR ASSMANN-AK672M-2-3-GR Datasheet
206Kb / 1P
CONDUCT RESISTANCE : 2 OHM MAX
logo
List of Unclassifed Man...
RY240 ETC1-RY240 Datasheet
1Mb / 4P
electric
logo
Qorvo, Inc
TGL2767-SM QORVO-TGL2767-SM Datasheet
599Kb / 11P
2 ??31GHz Voltage Variable Attenuator
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574120 FESTO-574120 Datasheet
91Kb / 2P
Electric actuator
5/8/22
574125 FESTO-574125 Datasheet
91Kb / 2P
Electric actuator
5/8/22
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com