Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2230 Datasheet (PDF) - NEC

2SD2230 Datasheet PDF - NEC
Part # 2SD2230
Download  2SD2230 Download
File Size   119.67 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS

2SD2230 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2230 Datasheet PDF - NEC

Part # 2SD2230
Download  2SD2230 Click to download

File Size   119.67 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS

2SD2230 Datasheet (HTML) - NEC


2SD2230 Product details

The 2SD2230 is an element realizing ultra low VCE(sat). This transistor is ideal for muting such as stereo recorders, VCRs, and TVs.

FEATURES
• Low VCE(sat):
    VCE(sat)1= 33 mV TYP. @IC= 100 mA, IB= 10 mA
    VCE(sat)2= 150 mV TYP. @IC= 500 mA, IB= 20 mA
• High hFEand high current




Similar Part No. - 2SD2230

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
logo
Renesas Technology Corp
2SD2230 RENESAS-2SD2230 Datasheet
244Kb / 8P
SILICON POWER TRANSISTOR
2002
More results


Similar Description - 2SD2230

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1221 NEC-2SA1221 Datasheet
85Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD415 NEC-2SD415 Datasheet
134Kb / 4P
PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD1588 NEC-2SD1588 Datasheet
102Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2161 NEC-2SD2161 Datasheet
130Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2162 NEC-2SD2162 Datasheet
112Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2164 NEC-2SD2164 Datasheet
128Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2402 NEC-2SD2402 Datasheet
103Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Renesas Technology Corp
2SD1581 RENESAS-2SD1581_15 Datasheet
228Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD1582 RENESAS-2SD1582_15 Datasheet
229Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD2425 RENESAS-2SD2425_15 Datasheet
249Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com