Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX72038B Datasheet (PDF) - Maxim Integrated Products

MAX72038B Datasheet PDF - Maxim Integrated Products
Part # MAX72038B
Download  MAX72038B Download
File Size   40.02 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Generation II Enhanced 6.0Gbps 38-PHY SAS Expander

MAX72038B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX72038B Datasheet PDF - Maxim Integrated Products

Part # MAX72038B
Download  MAX72038B Click to download

File Size   40.02 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Generation II Enhanced 6.0Gbps 38-PHY SAS Expander

MAX72038B Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX72038B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX720 MAXIM-MAX720 Datasheet
606Kb / 16P
PALMTOP COMPUTER AND FLASH MEMORY POWER SUPPLY REGULATORS
Rev 0; 10/92
MAX72024C MAXIM-MAX72024C Datasheet
40Kb / 2P
Generation II Enhanced 6.0Gbps 24-PHY SAS Expander
MAX72044B MAXIM-MAX72044B Datasheet
39Kb / 2P
Generation II Enhanced 6.0Gbps 44-PHY SAS Expander
MAX720C MAXIM-MAX720C Datasheet
606Kb / 16P
PALMTOP COMPUTER AND FLASH MEMORY POWER SUPPLY REGULATORS
Rev 0; 10/92
MAX720CSE MAXIM-MAX720CSE Datasheet
606Kb / 16P
PALMTOP COMPUTER AND FLASH MEMORY POWER SUPPLY REGULATORS
Rev 0; 10/92
More results


Similar Description - MAX72038B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
logo
AVAGO TECHNOLOGIES LIMI...
SAS3648 AVAGO-SAS3648 Datasheet
607Kb / 2P
SAS/SATA Expander
logo
Maxim Integrated Produc...
VSC7158 MAXIM-VSC7158 Datasheet
41Kb / 3P
Enhanced 18-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
VSC7157 MAXIM-VSC7157 Datasheet
41Kb / 3P
Enhanced 36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
VSC7156 MAXIM-VSC7156 Datasheet
41Kb / 3P
Enhanced 24-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander
VSC7155 MAXIM-VSC7155 Datasheet
42Kb / 3P
18-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7154 MAXIM-VSC7154 Datasheet
41Kb / 3P
36-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
VSC7153-02 MAXIM-VSC7153-02 Datasheet
41Kb / 3P
24-PHY 1.5Gbps and 3.0Gbps SAS Edge/Fanout Expander with Table Routing and SSP Engine
MAX72044B MAXIM-MAX72044B Datasheet
39Kb / 2P
Generation II Enhanced 6.0Gbps 44-PHY SAS Expander
MAX72024C MAXIM-MAX72024C Datasheet
40Kb / 2P
Generation II Enhanced 6.0Gbps 24-PHY SAS Expander
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com