Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7148 Datasheet (PDF) - Panasonic Semiconductor

AN7148 Datasheet PDF - Panasonic Semiconductor
Part # AN7148
Download  AN7148 Download
File Size   48.71 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 2.1W Audio Power Amplifier Circuit

AN7148 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7148 Datasheet PDF - Panasonic Semiconductor

Part # AN7148
Download  AN7148 Click to download

File Size   48.71 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 2.1W Audio Power Amplifier Circuit

AN7148 Datasheet (HTML) - Panasonic Semiconductor


AN7148 Product details

■Overview

The AN7148 is an integrated circuit designed for power amplifier of 2.1W (9V, 4Ω) output. Stereo operation is

enabled due to incorporating two amplifiers on one chip. It is most suitably used for battery operated set such as

radio cassette recorder because quiescent circuit current is small comparing to current power amplifier.



■Features

• Low quiescent current

• High operation stability

• Low radiation

• Low distortion

• Low noise

• Low shock noise from power ON/OFF operation

• Fewer external componentsattery operated set such as

radio cassette recorder because quiescent circuit current is small comparing to current power amplifier.



 




Similar Part No. - AN7148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7148 ETC2-AN7148 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7148

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
logo
National Semiconductor ...
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
NTE Electronics
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Fangtek Ltd.
FT4288 FANGTEK-FT4288 Datasheet
378Kb / 12P
Dual 2.1W Audio Power Amplifier
FT4888 FANGTEK-FT4888 Datasheet
1Mb / 14P
Dual 2.1W Audio Power Amplifier with 3D Enhancement
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com