Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1P Datasheet (PDF) - NXP Semiconductors

H1P Datasheet PDF - NXP Semiconductors
Part # H1P
Download  H1P Download
File Size   49.67 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open

H1P Datasheet (PDF)

Go To PDF Page Download Datasheet
H1P Datasheet PDF - NXP Semiconductors

Part # H1P
Download  H1P Click to download

File Size   49.67 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open

H1P Datasheet (HTML) - NXP Semiconductors


H1P Product details

General description
NPN/NPN Resistor-Equipped Transistors (RET).

Features
■ Built-in bias resistor
■ Simplifies circuit design
■ Reduces component count
■ Reduces pick and place costs

Applications
■ Low current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors in digital applications




Similar Part No. - H1P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
H1P041NX BOTHHAND-H1P041NX Datasheet
249Kb / 1P
SINGLE PORT 10/100 BASE-TX LAN
H1P041X BOTHHAND-H1P041X Datasheet
250Kb / 1P
SINGLE PORT MODULE 10/100 BASE-TX LAN
H1P141X BOTHHAND-H1P141X Datasheet
251Kb / 1P
SINGLE PORT MODULE 10/100 BASE-TX LAN
H1PX BOTHHAND-H1PX Datasheet
250Kb / 1P
SINGLE PORT MODULE 10/100 BASE-TX LAN
More results


Similar Description - H1P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTA144T PHILIPS-PDTA144T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
PEMD14 NXP-PEMD14 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com