Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7174 Datasheet (PDF) - Panasonic Semiconductor

AN7174 Datasheet PDF - Panasonic Semiconductor
Part # AN7174
Download  AN7174 Download
File Size   86.25 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual BTL 14W Audio Power Amplifier Circuit

AN7174 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7174 Datasheet PDF - Panasonic Semiconductor

Part # AN7174
Download  AN7174 Click to download

File Size   86.25 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual BTL 14W Audio Power Amplifier Circuit

AN7174 Datasheet (HTML) - Panasonic Semiconductor


AN7174 Product details

■ Overview
The AN7174K is an integrated circuit for 14W (13.2V, 4Ω) output power amplifier circuit. Two BTL amplifiers are built-in on a single chip and stereo operation is possible. It is highly reliable due to protection circuits built-in. The built-in stand-by circuit makes it possible to switch the circuit ON/OFF with a charge mode to power supply pin.

■ Features
• High output power (BTL 14W × 2)
• Stand-by circuit built-in
• Protection circuits built-in (temperature, overvoltage, VOUT– GND short, Load short, VOUT–VCC short)
• Low shock noise from power ON/OFF operation
• Fewer external parts
• Highly stable operation




Similar Part No. - AN7174

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7170 PANASONIC-AN7170 Datasheet
48Kb / 4P
18W Audio Power Amplifier Circuit
AN7171K PANASONIC-AN7171K Datasheet
82Kb / 4P
Dual BTL 14W Audio Power Amplifier Circuits
AN7171NK PANASONIC-AN7171NK Datasheet
82Kb / 4P
Dual BTL 14W Audio Power Amplifier Circuits
logo
List of Unclassifed Man...
AN7173 ETC2-AN7173 Datasheet
2Mb / 31P
SEMICONDUCTORS
AN7173K ETC2-AN7173K Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7174

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1380 NTE-NTE1380 Datasheet
25Kb / 3P
Integrated Circuit Audio Power Amplifier, 14W
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Panasonic Semiconductor
AN7164N PANASONIC-AN7164N Datasheet
54Kb / 3P
BTL 47W Audio Power Amplifier Circuit
AN7171NK PANASONIC-AN7171NK Datasheet
82Kb / 4P
Dual BTL 14W Audio Power Amplifier Circuits
logo
Hitachi Semiconductor
HA13117 HITACHI-HA13117 Datasheet
170Kb / 6P
14W BTL Audio Power Ampillfier
logo
fujitsu semiconductor
MB3732 FUJITSU-MB3732 Datasheet
249Kb / 8P
14W BTL AUDIO POWER AMPLIFIER
MB3730A FUJITSU-MB3730A Datasheet
220Kb / 6P
14W BTL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
Integrated Circuit Dual BTL 14W Audio Power Amplifier
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 14W BTL
logo
Hangzhou Youwang Electr...
UTC17821 YOUWANG-UTC17821 Datasheet
103Kb / 5P
DUAL 5W BTL AUDIO POWER AMPLIFIER CIRCUIT
2008.02.17
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com