Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR01D224 Datasheet (PDF) - International Rectifier

IR01D224 Datasheet PDF - International Rectifier
Part # IR01D224
Download  IR01D224 Download
File Size   63.06 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH VOLTAGE HALF BRIDGE

IR01D224 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR01D224 Datasheet PDF - International Rectifier

Part # IR01D224
Download  IR01D224 Click to download

File Size   63.06 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH VOLTAGE HALF BRIDGE

IR01D224 Datasheet (HTML) - International Rectifier


IR01D224 Product details

Description

The IR01H(D)xxx is a high voltage, high speed half bridge. Proprietary HVIC and latch immune CMOS technologies, along with the HEXFET power MOSFET technology, enable ruggedized single package construction. The logic inputs are compatible with standard CMOS or LSTTL outputs. The front end features an independent high and low side driver in phase with the logic compatible input signals. The output features two HEXFETs in a half bridge configuration with a high pulse current buffer stage designed for minimum cross-conduction in the half bridge. Propagation delays for the high and low side power MOSFETs are matched to simplify use.



Features

• Output Power MOSFETs in half-bridge configuration

• 500V rated breakdown voltage

• High side gate drive designed for bootstrap operation

• Matched propagation delay for both channels

• Undervoltage lockout

• 5V Schmitt-triggered input logic

• Half-Bridge output in phase with HIN

• Heatsink version (P2) with improved PD



 




Similar Part No. - IR01D224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IR02ER100K VISHAY-IR02ER100K Datasheet
175Kb / 4P
Inductors Epoxy Conformal Coated Uniform Roll Coated
31-Jan-06
logo
International Rectifier
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
logo
New Jersey Semi-Conduct...
IR03909 NJSEMI-IR03909 Datasheet
89Kb / 1P
Rectifiers Fast Recovery
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
More results


Similar Description - IR01D224

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
HIGH VOLTAGE HALF BRIDGE DRIVER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com