Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z90231 Datasheet (PDF) - Zilog, Inc.

Z90231 Datasheet PDF - Zilog, Inc.
Part # Z90231
Download  Z90231 Download
File Size   317.57 Kbytes
Page   19 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description eZVision 200 Television Controllers with OSD

Z90231 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z90231 Datasheet PDF - Zilog, Inc.

Part # Z90231
Download  Z90231 Click to download

File Size   317.57 Kbytes
Page   19 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description eZVision 200 Television Controllers with OSD

Z90231 Datasheet (HTML) - Zilog, Inc.


Z90231 Product details

General Description
The Z90233/Z90234 and Z90231 are the ROM and OTP versions of the eZVision 200 television controller with OSD. Based on ZiLOG’s powerful Z8 architecture, the Z90233/Z90234 and Z90231 contain 24 KB of program memory.
   
On-Screen Display (OSD)
Features
• Displays of up to 10 rows by 24 columns with
    256 characters
• Provides character cell resolution of 14 pixels
    by 18 scan lines
• Offers variable inter-row spacing from 0–15
    horizontal scan lines
• Uses color palette table to program foreground
    and background of character
   
Microcontroller Features
• Incorporates Z8® MCU core at 6 MHz
• Z90233 and Z90234 have 16K and 24K
    masked ROM, respectively
• 236 bytes of system RAM
• Ten 6-bit pulse width modulators
• One 14-bit pulse width modulator
• On-chip infrared (IR) capture registers   
• Four channels of 4-bit analog-to-digital converter
• 27 general-purpose I/O pins
• Provides I2C master serial communication port
• 42-pin SDIP and 44-pin PQFP packages
• Can be emulated with 124-pin PGA package
    (Z90239)
   




Similar Part No. - Z90231

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
Z8 DIGITAL TELEVISION CONTROLLERS
Z9023106FSC ZILOG-Z9023106FSC Datasheet
328Kb / 19P
eZVision 200 Television Controllers with OSD
More results


Similar Description - Z90231

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
logo
Zilog, Inc.
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
TELEVISION CONTROLLERS
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
Monitor OSD with Auto-calibration
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
RGB Video Amplifier with OSD Input
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
Z8 DIGITAL TELEVISION CONTROLLERS
Z90251 ZILOG-Z90251 Datasheet
518Kb / 97P
Z90255 ROM and Z90251 OTP 32 KB Television Controller with OSD
Z9023106FSC ZILOG-Z9023106FSC Datasheet
328Kb / 19P
eZVision 200 Television Controllers with OSD
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com