Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86D99 Datasheet (PDF) - Zilog, Inc.

Z86D99 Datasheet PDF - Zilog, Inc.
Part # Z86D99
Download  Z86D99 Download
File Size   1519.5 Kbytes
Page   102 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Voltage Micro controllers with ADC

Z86D99 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86D99 Datasheet PDF - Zilog, Inc.

Part # Z86D99
Download  Z86D99 Click to download

File Size   1519.5 Kbytes
Page   102 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Voltage Micro controllers with ADC

Z86D99 Datasheet (HTML) - Zilog, Inc.


Z86D99 Product details

Architectural Overview
The Z86D99 is a low-voltage general-purpose one-time programmable (OTP) Z8® microcontroller with an integrated four-channel 8-bit sigma delta analog-to-digital converter. The Z86L99 is the read-only memory (ROM) version of this controller.
   
Features
• Four-channel, 8-bit sigma delta analog-to-digital (A/D) converter with external
    voltage references (not available in the 28-pin configuration)
• Two independent analog comparators
• Controlled current output
• 489 bytes of RAM
    – 233 bytes of general-purpose register-based RAM
    – 256 bytes of RAM mapped into the program memory space that can be
    used as data RAM or executable RAM
• 32 Kbytes of OTP memory (Z86D99X)
• 16 Kbytes of ROM (Z86L99X)

Counter/Timers
• Special architecture to automate generation and reception of complex pulses
    or signals:
    – Programmable 8-bit counter/timer (T8) with two 8-bit capture registers and
    two 8-bit load registers
    – Programmable 16-bit counter/timer (T16) with one 16-bit capture register
    pair and one 16-bit load register pair
    – Programmable input glitch filter for pulse reception
• One general-purpose 8-bit counter/timer (T1) with 6-bit prescaler

Input/Output and Interrupts
• Thirty-two I/Os, twenty-nine of which are bidirectional I/Os with programmable
    resistive pull-up transistors (24 I/Os are available in the 28-pin configuration)
• Sixteen I/Os are selectable as stop-mode recovery sources
• Six interrupt vectors with nine interrupt sources
    – Three external sources
    – Two comparator interrupts
    – Three timer interrupts
    – One low-battery detector flag

Operating Characteristics
• 8-MHz operation
• 3.0 V to 5.5 V operating voltage (Z86D990/Z86D991)
• 2.3 V to 5.5 V operating voltage (Z86L990/Z86L991)
• Low power consumption with three standby modes:
    – Stop
    – Halt
    – Low Voltage Standby
• Low-battery detection flag
• Low-voltage protection circuit (also known as VBO, or voltage brownout,
    circuit)
• Watch-dog timer and power-on reset circuits
  
User-Programmable Option Bits
• Clock source—RC/other (LC, resonator, or crystal)
• Watch-dog timer permanently enable
• 32-kHz crystal
• Port 20–27 pull-up resistive transistor
• Port 40–42 pull-up resistive transistor
• Port 44–47 pull-up resistive transistor
• Port 50–51 pull-up resistive transistor
• Port 54–57 pull-up resistive transistor
• Port 60–63 pull-up resistive transistor (not available in Z86D991/Z86L991)
• Port 64–67 pull-up resistive transistor (not available in Z86D991/Z86L991)
• P43 high impedance in STOP mode (available in OTP only)
    Force P43 to output a 1 in the open-drain configuration
   




Similar Part No. - Z86D99

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86D99 ZILOG-Z86D99 Datasheet
1Mb / 91P
Low-Voltage Microcontrollers
Z86D990HZ008SC ZILOG-Z86D990HZ008SC Datasheet
1Mb / 91P
Low-Voltage Microcontrollers
Z86D990PZ008SC ZILOG-Z86D990PZ008SC Datasheet
1Mb / 91P
Low-Voltage Microcontrollers
Z86D991PZ008SC ZILOG-Z86D991PZ008SC Datasheet
1Mb / 91P
Low-Voltage Microcontrollers
Z86D991SZ008SC ZILOG-Z86D991SZ008SC Datasheet
1Mb / 91P
Low-Voltage Microcontrollers
More results


Similar Description - Z86D99

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Linear Technology
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
Negative Low Voltage Hot Swap Controllers
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
8-Bit Micro controllers
logo
Linear Technology
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
Negative Low Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
Negative Low Voltage Hot Swap Controllers
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261-2 LINER-LTC4261-2_15 Datasheet
341Kb / 34P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com