Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86017 Datasheet (PDF) - Zilog, Inc.

Z86017 Datasheet PDF - Zilog, Inc.
Part # Z86017
Download  Z86017 Download
File Size   1061.38 Kbytes
Page   138 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description PCMCIA Interface Solution

Z86017 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86017 Datasheet PDF - Zilog, Inc.

Part # Z86017
Download  Z86017 Click to download

File Size   1061.38 Kbytes
Page   138 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description PCMCIA Interface Solution

Z86017 Datasheet (HTML) - Zilog, Inc.


Z86017 Product details

General Description
The Z86017/Z16017 (ZX6017) are general-purpose PCMCIA adapter chips used on the card side of the interface. For increased versatility, “mirror image” bond-out versions, the Z86M17 and Z16M17, are also available. These chips are easily configured to allow access to all types of memory or I/O-mapping peripherals, such as Ethernet controllers, Universal Asynchronous Receiver/Transmitters (UART), modems, rotating disk memory, and so on. The ZX6017 can be used in a standalone configuration without the use of a local processor when all necessary data for Attribute Memory, Card Configuration Registers (CCR), Memory/I/O maps, and so on, are being provided by a local serial EEPROM. The serial EEPROM is read automatically using an internal EEPROM sequencer. The ZX6017 can also be configured by a local microprocessor, when one is being used on the card.

FEATURES
• PCMCIA Configuration Registers
• Sequencer for programming attribute memory using EEPROM content, MASTER mode
• Serial Peripheral Interface (SPI) circuitry allows control through the local microprocessor, SLAVE mode
• PCMCIA to I/O peripheral
• PCMCIA to ATA/IDE translation
• ATA/IDE to ATA/IDE mapping, PASSHROUGH mode
• Operates from a 3.0V to 5.5V power supply
• Conforms to PCMCIA standards
• Low power dissipation
• Mirror image bond-out option (Z86M17/Z16M17)
• On-chip generation of IOIS16 in I/O mode (Z16017)




Similar Part No. - Z86017

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8601 ZILOG-Z8601 Datasheet
636Kb / 17P
Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
More results


Similar Description - Z86017

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM60801 OKI-MSM60801 Datasheet
1Mb / 27P
PCMCIA Card Interface LSI
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
PCMCIA Host Interface Controller
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
SI9711CY VISHAY-SI9711CY Datasheet
189Kb / 6P
PC Card (PCMCIA) Interface Switch
05-Apr-99
logo
Bel Fuse Inc.
APC48301 BEL-APC48301 Datasheet
71Kb / 1P
PCMCIA S Interface Module
logo
PCA ELECTRONICS INC.
EPE6358S PCA-EPE6358S Datasheet
179Kb / 1P
10Base-T PCMCIA Interface Module
EPE6172AS-M PCA-EPE6172AS-M Datasheet
23Kb / 1P
10Base-T PCMCIA Interface Module
EPE6379S PCA-EPE6379S Datasheet
21Kb / 1P
10Base-T Interface PCMCIA Module
EPE6379SE PCA-EPE6379SE Datasheet
22Kb / 1P
10Base-T Interface PCMCIA Module
logo
Vishay Siliconix
SI9711 VISHAY-SI9711 Datasheet
81Kb / 7P
PC Card (PCMCIA) Interface Switch
19-Apr-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com